PART |
Description |
Maker |
MJD200-D |
Complementary Plastic Power Transistors NPN/PNP Silicon DPAK For Surface Mount Applications
|
ON Semiconductor
|
MBRD320 ON0443 MBRD340 MBRD330 MBRD360 MBRD350 |
SWITCHMODE?/a> Power Rectifirers DPAK Surface Mount Package SWITCHMODE Power Rectifirers DPAK Surface Mount Package From old datasheet system SWITCHMODE⒙ POWER RECTIFIRERS DPAK SURFACE MOUNT PACKAGE SWITCHMODE⑩ Power Rectifirers DPAK Surface Mount Package SWITCHMODEPower Rectifirers DPAK Surface Mount Package CAP,0603,CERAMIC,1000PF,50V,10%, X7R SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
|
MOTOROLA[Motorola, Inc] Motorola, Inc. MOTOROLA INC
|
MJD295506 MJD3055G MJD3055T4 MJD3055T4G MJD2955-00 |
Complementary Power Transistors DPAK For Surface Mount Applications 10 A, 60 V, PNP, Si, POWER TRANSISTOR
|
ONSEMI[ON Semiconductor] STMicroelectronics
|
MTD2N50 |
POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE DPAK FOR SURFACE MOUNT OR INSERTION MOUNT
|
MOTOROLA[Motorola, Inc]
|
BUD42DG |
Bipolar Power DPAK NPN 4A 650V; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 4 A, 350 V, NPN, Si, POWER TRANSISTOR
|
ON Semiconductor
|
CMPT7410 CMPT7410BK |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
MMBT589LT1 MMBT589LT1_D ON2127 |
From old datasheet system 30 Volts 2.0 Amps PNP Transistor High Current Surface Mount PNP Silicon Switching Transistor
|
ON Semiconductor Motorola, Inc
|
MMPQ3906 |
SURFACE MOUNT PNP SILICON QUAD TRANSISTOR 200 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
PZT751T1 ON2781 PZT751T1_D PZT751T3 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT From old datasheet system
|
MOTOROLA INC ON Semi MOTOROLA[Motorola, Inc]
|
NTD5407NT4G |
Power MOSFET 40 V, 38 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 7.6 A, 40 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|