PART |
Description |
Maker |
CPH6904 |
N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
|
Sanyo Semicon Device
|
ZFL-500HLN |
Low Noise Amplifi er
|
MINI[Mini-Circuits]
|
LTC6605-7 LTC6605CDJC-7-PBF LTC6605CDJC-7-TRPBF LT |
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
LTC6605-14 LTC6605CDJC-14-PBF LTC6605CDJC-14-TRPBF |
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
LTC6403-1 |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
HMC429LP4 HMC429LP4E |
Low noise MMIC VCO w/Buffer Amplifi er for
|
Analog Devices
|
LT6600-20 |
Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
|
Linear Technology
|
LT6604CUFF-15-PBF LTC6604CUFF-15-TRPBF LTC6604IUFF |
Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
|
Linear Technology
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
ENA1076A 2SC4853A12 |
Low-Voltage, Low-Current High-Frequency Amplifi er Applications
|
Sanyo Semicon Device
|
SST402PDIP SST402-PDIP-8 SST402-SOIC-8 SST402SOIC |
2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET PLASTIC, DIP-8 a Low Noise, Low Drift, Monolithic Dual N-Channel JFET Linear Systems replaces discontinued Siliconix SST402
|
Micross Components
|