PART |
Description |
Maker |
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
AIC1628 AIC1628CN AIC1628CS |
3-Cell, High-Efficiency, Step-Up DC/DC Converter 3节电池,高效率,升压型DC / DC转换 3-Cell/ High-Efficiency/ Step-Up DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
LT1300 LT1300CN8 LT1300CS8 |
Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter From old datasheet system Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 0.75 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
ADP1147AR-5 ADP1147AN-33 ADP1147AN-5 ADP1147AR-33 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Step-Down Switching Regulator Controllers
|
Analog Devices, Inc.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
LTC15741 LTC1574CS-5TR LTC1574-3.3-15 LTC1574-5 LT |
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
|
Linear Technology, Corp.
|
MAX1762-MAX1791 MAX1791 MAX1791EUB MAX1762EUB MAX1 |
High-Efficiency, 10-Pin µMAX, Step-Down Controllers for Notebooks " High-Efficiency, 10-Pin ?MAX, Step-Down Controllers for Notebooks" High-Efficiency, 10-Pin MAX, Step-Down Controllers for Notebooks
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|