PART |
Description |
Maker |
MAX8751ETJ MAX8751 |
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
|
MAXIM[Maxim Integrated Products]
|
MTD2003G MTD2003GE MTD2003G-17 |
Dual Full-bridge PWM Stepper Motor Driver Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd Shindengen Electric Mfg...
|
HIP4080A HIP4080AIB HIP4080AIP |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 80V/2.5A峰值,高频全桥FET驱动 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 80V/2.5A Peak/ High Frequency Full Bridge FET Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP4081 HIP4081IB HIP4081IP |
80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
INTERSIL[Intersil Corporation]
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
ISL83204AIPZ ISL83204AIBZ ISL83204A |
60V/2.5A Peak, High Frequency Full Bridge FET Driver
|
Intersil Corporation
|
APTGT30H170T3 |
Full Bridge - IGBT Full - Bridge Trench IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF25H120T3 |
Full Bridge - IGBT Full - Bridge NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF30H60T3 |
Full Bridge - IGBT Full - Bridge NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
TA8440H TA8440HQ TA8440 TA8440F |
DC MOTOR FULL BRIDGE DRIVER F TYPE: UNDER DEVELOPMENT Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IR15XB.. IR15XB08 IR15XB02 IR15XB04 IR15XB06 |
DIODE 15 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, Bridge Rectifier Diode 15.0 Amps Single Phase Full Wave Bridge Rectifier 800V Bridge in a IR15XB package 200V Bridge in a IR15XB package 400V Bridge in a IR15XB package 600V Bridge in a IR15XB package
|
Vishay Semiconductors International Rectifier
|
IR25XB02H IR25XB04H IR25XB06H IR25XB08H |
25.0 Amps Single Phase Full Wave 二十五点?安培单相全 600V Bridge in a IR25XB package 200V Bridge in a IR25XB package 800V Bridge in a IR25XB package 400V Bridge in a IR25XB package
|
International Rectifier, Corp.
|