PART |
Description |
Maker |
SC4524C |
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
|
Semtech Corporation
|
D2084UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(100W-28V-900MHz)(镀金多用DMOS射频硅场效应100W-28V-900MHz)) 金镀金属多功能硅的DMOS射频场效应管(功100W - 28V 900MHz时)(镀金多用的DMOS射频硅场效应管(功率100W - 28V 900MHz的) TetraFET 100W - 28V - 900MHz
|
Sanyo Electric Co., Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MAX668 MAX668EUB MAX668-MAX669 MAX669EUB MAX669 |
1.8V to 28V Input / PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in µMAX 1.8V to 28V Input, PWM Step-Up Controllers in レMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
PS48-80MQ100C PS48-80PQ100C PS48-80TQ100C PS48-66P |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2805S with Standard Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package 用户可编程ASIC的特殊功 User Programmable Special Function ASIC 用户可编程ASIC的特殊功
|
International Rectifier, Corp. Carlo Gavazzi
|
MP9928 MP9928GF MP9928GL |
4V-60V Input, Current Mode, Synchronous Step-Down Controller
|
Monolithic Power System...
|
MAX669EUB/VT |
1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products
|
MP2608 MP2608DQ |
28V, 1A Dual Input Linear Battery Charger With Timer
|
Monolithic Power Systems
|
MAX16975BAEE/VTCG |
28V, 1.2A Automotive Step-Down Converter with Low Operating Current
|
MAXIM - Dallas Semiconductor
|
MAX15023ETG-T MAX15023ETG/V |
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
|
Maxim Integrated Products Maxim Integrated Produc...
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
PS-55JD1-012M1 PS-55JD1-015M1 PS-55JD1-005M1 PS-55 |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2812S with Standard Packaging Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package Hi-Rel DC-DC Standard Triple Converter in a ATO package; A ATO2812T with Standard Packaging Analog IC 模拟IC
|
Electronic Theatre Controls, Inc.
|
MC34675AEPR2 MC34675 MC34675AEP |
28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
|
Freescale Semiconductor, Inc
|