PART |
Description |
Maker |
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
M24C08-RBN3T/G M24C08-RBN3T/W M24C08-RBN3TG M24C08 |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial IC Bus EEPROM
|
ST Microelectronics
|
M24C01 M24C04-R M24C04-S M24C01-W M24C02-S M24C02- |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 16KBIT, 8KBIT, 4KBIT, 2KBIT AND 1KBIT SERIAL I²C BUS EEPROM
|
STMICROELECTRONICS ST Microelectronics
|
M24C02-W M24C02-S M24C02-R M24C02-L 5067 |
16KBIT, 8KBIT, 4KBIT, 2KBIT AND 1KBIT SERIAL I2C BUS EEPROM From old datasheet system
|
STMicroelectronics
|
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
AK93C55B AK93C55BH AK93C45B AK93C45BH AK93C65B AK9 |
1K / 2K / 4K 8Kbit Serial CMOS EEPROM 1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM Circular Connector; No. of Contacts:66; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-35 RoHS Compliant: No JT 66C 66#22D PIN GRND PLUG 000 / 2K / 4K 8KBIT串行CMOS EEPROM
|
Asahi Kasei Microsystem... AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
BR25L160FVT-W BR25L160FJ-W BR25L160FV-W BR25L160F- |
SPI BUS 16Kbit (2,048 x 8bit) EEPROM
|
ROHM[Rohm]
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
X25020SIG-2.7 X25020SIG-3 X25020PIG-2.7 X25020PIG- |
256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|
CAT25128XI-T2 CAT25128VE-T2 |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Rectron Semiconductor
|