PART |
Description |
Maker |
LZ0P3615 LZ0P3612 |
1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
|
SHARP
|
249-8072-3333-504 249-7870-3331-504 249-4167-3334- |
SINGLE COLOR LED, YELLOW, 7.1 mm PLASTIC PACKAGE-2 LED Lamp; LED Color:Red; Luminous Intensity:30ucd; Forward Voltage:10V; Color:Red; Leaded Process Compatible:No; Lens Style:(H x Dia) 31.0 x 8.40 mm; Lens Width:7.1; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: No LED Lamp; LED Color:Blue; Luminous Intensity:120ucd; Forward Current:10mA; Forward Voltage:14V; Operating Temperature Range:-20 C to 71 C; Color:Blue; Leaded Process Compatible:No; Lens Style:(H x Dia) 31.0 x 8.40 mm RoHS Compliant: No
|
Dialight PLC DIALIGHT CORP
|
L799SURKMGKW |
8 mm bi-color indicator lamp. Hyper red, mega green. Lens type white diffused. 8mm BI-COLOR INDICATOR LAMPS
|
Kingbright Electronic Kingbright Corporation
|
ACX706AKM |
Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
PLCC6W3 |
Emitting Color White Lens Type Yellow Diffused
|
HB Electronic Components
|
LZ0P3820 |
1/7 type Lens Integrated CMOS Color Area Sensor for CIF
|
SHARP
|
610-3132-120 610-4132-120 |
LED Lamp; LED Color:Red; Luminous Intensity:250ucd; Forward Current:15mA; Forward Voltage:6V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No; Lens Style:(H x W) 36.83 x 15 mm; Lens Width:10 RoHS Compliant: No SINGLE COLOR LED, RED, 11.94 mm
|
Dialight Corporation
|
MT5385-UV |
Super bright LED lamp, round type, 5mm diameter, lens color
|
Marktech Corporate
|
AP134-501 |
LED Lamp; Color:Orange; Luminous Intensity (MSCP):25; Viewing Angle:60; Forward Current:30mA; Forward Voltage:2V; LED Color:Orange; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3" 三频HBT功率放大器模 Tri-Band HBT Power Amplifier Module
|
Alpha Industries, Inc. Alpha Industries Inc
|
AA3022SYC-4.5SF |
3.0 x 2.2mm single color surface mount LED lamp. Super bright yellow (peak wavelength 590 nm). Lens type water clear.
|
Kingbright Electronic
|