PART |
Description |
Maker |
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT117510 LT1175CN8-5-PBF LT1175CN8-5-TR LT1175CN8- |
500mA Negative Low Dropout Micropower Regulator
|
Linear Technology http://
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
MSK5332-5.2U MSK5332-5.2S MSK5332-5.2HG MSK5332-5. |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 12 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM2937-XX-TA3-T LM2937-XX-TQ2-R LM2937-XX-TQ2-T LM |
10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO2 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 15 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 500mA LOW DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
UTC[Unisonic Technologies] Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
BD00KA5WF |
Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
|