PART |
Description |
Maker |
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
AIC1117CE AIC1117 AIC1117-28 AIC1117-28CE AIC1117- |
800mA Low Dropout Positive Adjustable
Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|
TCL1117 TCL1117-2.85 TCL1117-2.85CDB TCL1117-2.85C |
800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作2.85V.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作.85V3.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V/ 3.30V/ 5.00V
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
AMS290805 AMS2908-1.5 AMS2908-1.8 AMS2908-3.3 AMS2 |
800mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
IRU1117-33PBF |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
International Rectifier
|
IRUB1117-18CD IRUB1117-18CP IRUB1117-18CS IRUB1117 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 800mA的低压差型正,固1.8V调节 800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 800mA的低压差型正,固.8V调节
|
International Rectifier, Corp. IRF[International Rectifier]
|
LT1117IST |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
|
Linear Technology Corporation
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2 |
GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结 800mA Low Dropout Regulator SCSI-II Active Terminator
|
Calogic LLC CALOGIC[Calogic, LLC]
|