PART |
Description |
Maker |
NJM78L02 NJM78L02UA NJM78L02UA8A NJM78L02UA8C NJM7 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3 - TERMINAL POSITIVE VOLTAGE REGULATOR 3 - TERMINAL POSTIVE VOLTAGE REGULATOR
|
Electronic Theatre Controls, Inc. ETC New Japan Radio
|
KIA7815AP KIA7810API KIA7808AP KIA7812API KIA7805A |
Three Terminal 10V Positve Voltage Regulator(三端0V正电压输出稳压器) Three Terminal 12V Positve Voltage Regulator(三端2V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 18V Positve Voltage Regulator(三端8V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端5V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端6V正电压输出稳压器) Three Terminal 8V Positve Voltage Regulator(三端V正电压输出稳压器) 三端8V的Positve稳压器(三端V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(三端5V正电压输出稳压器) 三端15VPositve稳压器(三端5V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(涓????5V姝g?????虹ǔ???) Three Terminal 8V Positve Voltage Regulator(涓????V姝g?????虹ǔ???)
|
KEC Holdings
|
11-11-0320 69008-0972 63600-0479 63819-4870 63819- |
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
|
Molex Electronics Ltd.
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
19204-0017 19204-0025 19204-0004 19204-0030 19204- |
Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Insulator Color:Blue; Terminal Insulation:Nylon 2 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:PVC 5 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Insulator Color:Red; Terminal Insulation:PVC 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:Nylon 5 mm2, COPPER ALLOY, WIRE TERMINAL 3-WAY AVIKRIMP CONNECTOR (A-5YC) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL PARALLEL SPLICE NYLON INS (BS-N-304) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
120-1372 120-1372-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
57990-9810 |
.187 MP-LOCK Terminal for Sleeve BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
|