PART |
Description |
Maker |
LC86P4564 |
One-time PROM built-in 8-Bit Single Chip Microcontroller
|
Sanyo Semicon Device
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
MSM27C3252CZ MSM27C32B52CZ |
2097152-Word x 16-Bit or 4194304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
M38513M4 M38513M4-C56FP 3851GROUP M38512M4 M38513M |
Single-chip 8-bit CMOS microcomputer. PROM 16K bytes, RAM 512 bytes. One time PROM version. Single-chip 8-bit CMOS microcomputer. PROM 24K bytes, RAM 640 bytes. One time PROM version. Single Chip 8-Bit CMOS Microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MS52C1162A MS52C1161A |
65,536-Word X 16-Bit or 131,072-Word X 8-Bit STATIC RAM 1,048,576-Word X 16-Bit or 2,097,152-Word X 8-Bit One Time PROM 131,072-Word X 8-Bit STATIC RAM 2,097,152-Word X 8-Bit One Time PROM From old datasheet system
|
OKI
|
LC86P5632 LC865608 LC865612 LC865616 LC865620 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
MR27V1652D |
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM From old datasheet system
|
OKI
|
MR27V452D |
262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM From old datasheet system
|
OKI
|
MR27V6452D |
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM From old datasheet system
|
OKI
|
MSM63P238 |
4-Bit Microcontroller with Built-in 16K Word PROM, POCSAG Decoder, and Melody Circuit
|
OKI electronic componets
|
MR27V6452DMA MR27V6452D |
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI[OKI electronic componets]
|
MR27V852DRA MR27V852DMA MR27V852DTP MR27V852D |
524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|