PART |
Description |
Maker |
IRG4PC40FPBF IRG4PC40FPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLARTRANSISTOR Fast Speed IGBT
|
International Rectifier
|
IRG4PH40K |
1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
GT15M321 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRG4BC30KD-S IRG4BC30KD-STRR IRG4BC30KDS IRG4BC30K |
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
MGP4N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MGP21N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MMG05N60D_D ON2233 MMG05N60D |
Insulated Gate Bipolar Transistor From old datasheet system N-hannel Enhancement-ode Silicon Gate
|
ONSEMI[ON Semiconductor]
|
MGP4N60ED-D |
Insulated Gate Bipolar Transistor with Anti-Parallel Diode N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
IRG4PC30KPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|