PART |
Description |
Maker |
SN54LS190J SN74LS191N 74LS190 SN54LS190 SN54LS191J |
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS 预置BCD十年向上/向下计数器预位向向下计数器二
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc] MOTOROLA INC
|
HCF40192B HCF40192BC1 HCF40192BEY HCF40192BF HCF40 |
Quadruple Differential Line Receiver 16-SOIC 0 to 70 预置向上/向下计数器(双时钟带复位0192B BCD码型40193B BINARY类型 PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B ? BCD TYPE 40193B ? BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B-BCD TYPE , 40193B-BINARY TYPE PRESETTABLE UP/DOWN COUNTERS - 40192B BCD TYPE 40193B BINARY TYPE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
MMC4510 MMC4516 |
Presettable 4-bit BCD up/down counter Presettable 4-bit binary up/down counter PRESETTABLE UP / DOWN COUNTERS
|
Microelectronica List of Unclassifed Manufacturers
|
AMS2907CL-5.0 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 |
SWTCH ROLLER SPDT 15A SCRW TERM 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Roller Lever Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-051 Synchronous Presettable Binary Counters with Synchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Synchronous Reset 16-PDIP -55 to 125
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MC14526BCPG MC14526BDWR2G |
Presettable 4-Bit Down Counters
|
ON Semiconductor
|
CD54AC1633A CD54ACT1633A CD54AC163 CD54ACT163 CD54 |
Synchronous Presettable Binary Counters Synchronous Presettable Binary Counters
|
INTERSIL[Intersil Corporation]
|
MC74HC161A MC74HC163A ON1364 |
PRESETTABLE COUNTERS From old datasheet system
|
ON Semi
|
MC14526B06 MC14526B |
Presettable 4−Bit Down Counters
|
ONSEMI[ON Semiconductor]
|
4192B 4193B |
(4192B / 4193B) CMOS PRESETTABLE UP-DOWN COUNTERS
|
R & E International
|
MC14163B MC14160BP MC14162BL MC14163BD MC14161BD M |
Synchronous Presettable 4-Bit Counters SYNCHRONUS PRESETTABLE 4-BIT COUNTERS Digital Signal Processor 305-CPGA -55 to 125 Rad-Tolerant Class V, Floating Point Digital Signal Processor 429-CFCBGA -55 to 125 Fixed-Point DSP 164-CFP -55 to 115 Dual SMJ320C40 Multichip Module, Digital Signal Processor 408-CFP -55 to 125 Digital Signal Processor 320-CFP -55 to 125 Digital Signal Processor 164-CFP -55 to 125 SYNCHRONUS预置4位计数器
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|