PART |
Description |
Maker |
NBSG11 NBSG111 NBSG11BA NBSG53A NBSG53ABA NBSG53AM |
2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
SI5330A-A00200-GM SI5330A-A00202-GM SI5330F-A00216 |
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
|
Silicon Laboratories
|
PI6C4853111FAE |
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
|
Pericom Semiconductor Corp.
|
NB3N121K |
Fanout Clock Driver, 3.3 V Differential in 1:21 Differential, with HCSL Outputs
|
ON Semiconductor
|
NB6L572M NB6L572MMNG NB6L572MMNR4G |
6L SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC32 2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator 2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
|
ON Semiconductor
|
MC100LVE111FN MC100LVE111FNR2 MC100LVE111 MC100LVE |
3.3V ECL 1:9 Differential Clock Driver LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
ONSEMI[ON Semiconductor]
|
MC100EL52 MC100EL52D MC10EL52D ON0672 MC100EL52DR2 |
From old datasheet system Differential Clock D Flip-Flop Differential Data and Clock D Flip-Flop
|
Motorola ONSEMI[ON Semiconductor]
|
MAX9312 MAX9314 MAX9312ECJ |
Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers LOW SKEW CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32 Dual 1:5 Differential LVPECL/ LVECL/HSTL Clock and Data Drivers
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
SDB2920 SDB2921 SDB2927 SDB2929 SDB292A SDB292B |
2.5 V, /-100 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-50 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-25 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, customer specific, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-20 ppm, differential positive ECL fast edge crystal clock oscillator
|
NEL Frequency Controls
|
CY28346-2 CY28346ZC-2 CY28346ZC-2T CY28346ZI-2 CY2 |
Clock Synthesizer with Differential Outputs Clock Synthesizer with Differential CPU Outputs
|
Cypress Semiconductor
|