PART |
Description |
Maker |
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
NB4N121KMNR2G NB4N121K NB4N121KMN NB4N121KMNG NB4N |
3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
|
ONSEMI[ON Semiconductor]
|
PI6C4853111FAE |
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
|
Pericom Semiconductor Corp.
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
TGA4816-EPU |
10 GB/s Differential Transimpedance Amplifier 10Gb/s Differential TIA
|
TRIQUINT[TriQuint Semiconductor]
|
LTC2415-1 LTC2415 LTC2415IGN LTC2415CGN LTC2415-1C |
24-Bit No Latency ADCs with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input, 50/60Hz Rejection
|
LINER[Linear Technology]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
LTC2435-1IGN LTC2435-1CGN LTC2435-1CGNPBF LTC2435C |
20-Bit No Latency ADCs with Differential Input and Differential Reference 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 20-Bit No Latency ADCs with Differential Input and Differential Reference 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Linear Technology Corporation Linear Technology, Corp. http://
|
ICS8302AMIT ICS8545BGT ICS8545 ICS83023I ICS83023A |
Frequency Generator with 133MHz Differential CPU Clocks 频率发生器的CPU时钟33MHz差分 LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
|
Integrated Circuit Systems
|
ICS854S006I ICS854S006AGILF |
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
|
Integrated Device Technolog...
|