PART |
Description |
Maker |
535079-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 120 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
DRT107V040F048A DRT117V040F052 DRT127V040F056A DRD |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5340 MHz - 5740 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4890 MHz - 5340 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4480 MHz - 4890 MHz DISC TYPE DIELECTRIC RESONATOR, 3440 MHz - 3740 MHz DISC TYPE DIELECTRIC RESONATOR, 4060 MHz - 4420 MHz DISC TYPE DIELECTRIC RESONATOR, 6170 MHz - 6710 MHz DISC TYPE DIELECTRIC RESONATOR, 5220 MHz - 5680 MHz DISC TYPE DIELECTRIC RESONATOR, 7300 MHz - 7930 MHz DISC TYPE DIELECTRIC RESONATOR, 7930 MHz - 8640 MHz DISC TYPE DIELECTRIC RESONATOR, 6710 MHz - 7300 MHz DISC TYPE DIELECTRIC RESONATOR, 2910 MHz - 3160 MHz DISC TYPE DIELECTRIC RESONATOR, 4420 MHz - 4800 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3450 MHz - 3760 MHz DISC TYPE DIELECTRIC RESONATOR, 3160 MHz - 3440 MHz DISC TYPE DIELECTRIC RESONATOR, 11100 MHz - 12070 MHz
|
MURATA MANUFACTURING CO LTD
|
341409N00 341109N02 341410N03 337110N03 331110N03 |
Thumbwheel Switches 指轮开 Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 032 EURO TYPE C RECEPT ST ASSY ( AMP ) 指轮开
|
ITT, Corp.
|
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
STR20005 STR20000 |
(STR2000 Series) Switching Type SWITCHING TYPE(CHOPPER SELF OSCILLATION TYPE)
|
Sanken electric
|
TG25D TG25E TG25C TG25C60 |
TO-3 BASE ISOLATED TYPE TRIACS TRIACISOLATED TYPE TRIAC(ISOLATED TYPE
|
SanRex List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
STR2015 STR2024 STR2013 STR2005 STR2000 STR2012 |
Switching Type(Chopper * Self Oscillation Type) (STR2000 Series) Switching Type
|
Sanken Electric Co.,Ltd.
|
M701-340542 |
MINI USB B TYPE FEMALE TYPE R/A SMD TYPE 5 PINS
|
Harwin Plc
|
SLI-325YYT31W SLI-325 SLI-325DCT31W SLI-325DUT31W |
Low Current Type 3.2 Circular Type LED Lamps <5mm Pitch Type> Low Current Type 3.2 Circular Type LED Lamps <5mm Pitch Type> Low Current Type 3.2 Circular Type LED Lamps Pitch Type
|
ROHM[Rohm]
|
SLR-56YY SLR-56 SLR-56DC SLR-56DU SLR-56MC SLR-56M |
T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm phi5.0(T-1 3/4) Circular Type Standard Type phi5.0(T-1 3/4) Circular Type Standard Type <Viewing Angle 2theta1/2 : 40degree>
|
ROHM[Rohm]
|
PS11013 |
Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|