PART |
Description |
Maker |
MIT-5A117 |
ISOLATOR, FLUSH 25A 3 POLEISOLATOR, FLUSH 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:2.2kW; Switch function type:Triple Pole 开槽光电断路器 SLOTTED PHOTOINTERRUPTER
|
Unity Opto Technology Co., Ltd.
|
FBR56ND12-W1 FBR56 FBR56ND06-W1 FBR56ND09-W1 |
COMPACT HIGH POWER RELAY 1 POLE-30 A
|
Fujitsu Component Limited.
|
BR53ND12-Y BR53ND09-Y BR53ND10-Y |
COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
|
Fujitsu Component Limited.
|
FBR57ND24-W1 |
COMPACT HIGH POWER RELAY 1 POLE-30 A (28 VDC) (FOR 24 V BATTERY AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
FBR51-WR FBR51ND12-WR FBR51ND10-WR FBR51ND09-WR FU |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 35A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
|
FUJITSU LTD Fujitsu Component Limited.
|
T0-4-8213/EZ T0-1-102/EA/SVB T0-1-102/V/SVB T0-4-1 |
SWITCH DISCONNECTOR 100A ISOLATOR 6P 100A ISOLATOR 6P 63A ISOLATOR FLUSH 25A 3 POLE ISOLATOR 3P 63A ISOLATOR INT'LOCK 63A 1 POLE ISOLATOR FLUSH 63A 2 POLE ISOLATOR FLUSH 63A 1 POLE ISOLATOR INT'LOCK 63A 2 POLE ISOLATOR INT'LOCK 63A 3 POLE MCU CMOS 44 LD 20MHZ 8K FLASH, -40C to 85C, 44-PLCC, TUBE ISOLATOR FLUSH 63A 3 POLE ISOLATOR EXT SHAFT ISOLATOR 32A INT 隔离页第32A 隔离页第63A ISOLATOR 3P 25A 隔离P 25A MCU CMOS 40 LD 20MHZ 8K FLASH, -40C to 85C, 40-PDIP, TUBE 隔离3P 32A Transient Voltage Suppressor Diodes 隔离器镶入第32A 1
|
TVS-瞬态抑制二极管 Amphenol Corporation Astrodyne, Inc. Moeller Electric, Corp.
|
194E-A25-NP 194E-E25-NP 194E-Y25-1756-6N 194E-Y25- |
CONTACT BLOCK BASE 25A CONTACT BLOCK FRONT 25A TERMINAL EARTH BASE 63A TERMINAL NEUTRAL BASE 63A TERMINAL NEUTRAL BASE 100A TERMINAL NEUTRAL FRONT 100A COVER 4 POLE 25-32A CONTACT BLOCK FRONT 100A CONTACT BLOCK BASE 80A TERMINAL NEUTRAL FRONT 63A TERMINAL EARTH FRONT 63A SWITCH DISCONNECT 11.0KW SWITCH DISCONNECT 3 POLE 25A SWITCH DISCONNECT 3 POLE 40A SWITCH DISCONNECT 37.0KW SWITCH DISCONNECT 15.0KW SWITCH DISCONNECT 18.5KW TERMINAL EARTH BASE 100A TERMINAL EARTH FRONT 100A TERMINAL NEUTRAL FRONT 32A CONTACT BLOCK FRONT 40A ISOLATOR 6 POLE 40A CONTACT BLOCK BASE 40A CONTACT BLOCK BASE 1NO/1NC SWITCH DISCONNECT 6 POLE 40A ISOLATOR 6 POLE 32A ISOLATOR 3 POLE 32A 440 - 63A ISOLATOR 6 POLE 63A 隔离663A ISOLATOR 6 POLE 25A 隔离65A ISOLATOR 3 POLE 25A 隔离35A CONTACT BLOCK FRONT 63A 接点座前3A SWITCH DISCONNECT 6 POLE 80A 6极开关断开连接80A SWITCH DISCONNECT 3 POLE 63A 开关断开连接33A SWITCH DISCONNECT 6 POLE 63A 开关断开连接663A SWITCH DISCONNECT 3 POLE 32A 开关断开连接332A Automotive Micropower Linear Regulators with Supervisor 隔离363A ISOLATOR 3 POLE 100A 隔离00号A CONTACT BLOCK BASE 63A 接点座基63A CONTACT BLOCK FRONT 32A 联系架前方第32A SHAFT METAL 金属 SWITCH DISCONNECT 3 POLE 80A 3极开关断开连接80A SWITCH DISCONNECT 22.0KW 开关断开连接22.0KW TERMINAL NEUTRAL BASE 32A 端子中立基地的第32A
|
Electronic Devices, Inc. Honeywell International, Inc. Ecliptek, Corp. 3M Company TUSONIX, Inc. LEM
|
PVA30 PVA3054 PVA3055 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC Power IC Relay Single-Pole, 40mA, 0-300V AC/DC BOSFET Photovoltaic Relay
|
http:// International Rectifier
|
FTR-P2 FTR-P2CP012W1 FTR-P2CN012W1 FTR-P2CP010W1 F |
SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A 静音双继电器为汽车应POLE × 2,H桥,25A
|
Fujitsu Limited Fujitsu, Ltd.
|
FTR-F3AA005E FTR-F3AA005EKS FTR-F3AA006E FTR-F3AA0 |
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
|
Fujitsu Component Limited.
|
JVN1A-100V JVN1AF-100V |
JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Sealed type. JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Flux-resistant type.
|
Matsushita Electric Works(Nais)
|