Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
  pole-25a Datasheet PDF File

For pole-25a Found Datasheets File :: 201    Search Time::2.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Altech Corp.,
Part No. 1C4UM 2C4UM 1C2UM 2C2UM 2C5UM 2C3UM 1C3UM 1C30UM 3C30UM 2C30UM 2C6UM 1C5UM 3C5UM 3C8UM 2C8UM 1C8UM 1C20UM 1C25UM 2C20UM 3C20UM 2C25UM 2C60UM 2C63UM 1C6UM
OCR Text ... - 63A 1.98kg (4.37 lb.) One Pole Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3....
Description
File Size 156.60K  /  1 Page

View it Online

Download Datasheet





    Altech Corp.,
Part No. 1BU6R 3DU32R 3DU8R 2DU30R 3DU05R
OCR Text ...N Rail Mounted 17.5mm width per pole Thermal Magnetic 480Y/277V AC, 50/60Hz 10kA Short Circuit Withstand Capacity * Positive Trip indicator ...25A 30A 32A 40A 50A 60A 63A Standard Pack: 12 Weight: 0.5A - 63A: 1.6kg (3.54 lb.) Type/ Cat. No...
Description
File Size 1,877.62K  /  11 Page

View it Online

Download Datasheet

    Altech Corp.,
Part No. 1B4UM 1B2UM 1B3UM 1B30UM 2B30UM 3B30UM 2B6UM 1B5UM 2B5UM 1B40UM 3B20UM 1B20UM 2B20UM 1B6UM
OCR Text ... - 63A 1.98kg (4.37 lb.) One Pole Rated Current 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.) Standard...
Description
File Size 131.59K  /  1 Page

View it Online

Download Datasheet

    S303 S49 S425 S335 S308 S331 S305 S302 S333 S429 S31 S35 S309 S332 S41 S48R S331F S331T S338 S331R S332F S43F S43R S43T

Nihon Kaiheiki Industry...
Nihon Kaiheiki Industry Co. Ltd.
Part No. S303 S49 S425 S335 S308 S331 S305 S302 S333 S429 S31 S35 S309 S332 S41 S48R S331F S331T S338 S331R S332F S43F S43R S43T S301 S302T S301F S301T S422 S421T S38 S41F S41R S41T S332R S332T
OCR Text ...nized: CSA Certified: SINGLE POLE WITH SOLDER LUG Toggle Position/Connected Terminals ( ) = Momentary Down Model S301 S302 S303 S305 S30...25A 25A 25A 15A 15A 15A 25A 15A 15A 6A 6A 6A 25A 25A 25A 20A 20A 20A 10A 10A 10A 8A 8A 8A ...
Description Medium/High Capacity Standard Size Toggles

File Size 437.84K  /  10 Page

View it Online

Download Datasheet

    Altech Corp.,
Part No. 1D4UM 2D4UM 2D2UM 1D2UM 2D3UM 1D3UM 2D30UM 1D30UM 3D30UM 2D6UM 2D5UM 3D5UM 1D5UM 1D8UM 2D8UM 3D8UM 1D20UM 2D20UM 3D20UM 1D6UM
OCR Text ... - 63A 1.98kg (4.37 lb.) One Pole Standard Pack: 6 Two Pole Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.) R...25A 30A 32A 40A 50A 60A 63A Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A...
Description
File Size 154.35K  /  1 Page

View it Online

Download Datasheet

    2-1393128-0 2-1393130-0 PRD-11AG0-24 PRD-11AG0-120 PRD-11AG0-240 PRD-11AH0-120 PRD-11AY0-120 PRD-11AY0-24 PRD-11AY0-240

Tyco Electronics
Part No. 2-1393128-0 2-1393130-0 PRD-11AG0-24 PRD-11AG0-120 PRD-11AG0-240 PRD-11AH0-120 PRD-11AY0-120 PRD-11AY0-24 PRD-11AY0-240 PRD-11AY0-480 PRD-11DF0-110 PRD-11DF0-12 PRD-11DH0-12 PRD-11DY0-48 PRD-3DH0-24 PRD-11DY0-110 PRD-11DJ0-24 PRD-3DY0-24 PRD-11DG0-12 PRD-11DG0-24 PRD-3AG0-120 PRD-3AJ0-120 PRD-11DH0-110 PRD-11DH0-24 PRD-11DY0-12 PRD-11DY0-24 PRD-3AY0-120 PRD-3DY0-110 PRD-3DY0-12 PRD-7AY3-120 PRD-5AY0-240 PRD-7AY0-240 PRD-7AY0-120 PRD-5AY0-120
OCR Text ...in terminals code f, agcdo, 1 pole 50a, 240vac, general purpose 2) 20x10 3 30a, 277vac, resistive 100x10 3 1.5hp, 120vac ...25a, 250vac 100x10 3 1hp, 125vac 100x10 3 2hp, 250vac 100x10 3 ul 508 1) models with box...
Description PRD Series Power Relay
   PRD Series Power Relay

File Size 500.78K  /  4 Page

View it Online

Download Datasheet

    2DU1

Altech corporation
Part No. 2DU1
OCR Text ...rail mounted ? 17.5mm width per pole ? thermal magnetic ? 480y/277v ac, 50/60hz ? 10ka short circuit withstand capacity ? applications inclu...25a: 1 pole - 42vdc; 2 pole - 80vdc 30-60a: 1 pole - 24vdc; 2 pole - 60vdc 0.3-60a (rc): 10ka with u...
Description Typical UL508 Application

File Size 1,395.79K  /  19 Page

View it Online

Download Datasheet

    Altech Corp.,
Part No. 1Z4UM 1Z6UM 1Z2UM 2Z2UM 3Z1UM 3Z3UM 3Z4UM 3Z2UM 2Z3UM 1Z3UM 1Z30UM 2Z30UM 2Z6UM 1Z5UM 2Z5UM 3Z5UM 2Z8UM 1Z8UM 3Z8UM 2Z12UM 3Z12UM 1Z12UM 3Z20UM 2Z20UM 1Z20UM
OCR Text ... - 63A 1.98kg (4.37 lb.) One Pole Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A Type/ Cat. No. 1Z03UM 1Z05UM 1Z075UM NA 1Z1UM 1Z1.6UM 1Z2UM 1Z...
Description
File Size 121.80K  /  1 Page

View it Online

Download Datasheet

    Altech Corp.,
Part No. 1G4UM 1G2UM 2G2UM 1G8UM 1G3UM 2G3UM 2G30UM 1G30UM 2G25UM 3G25UM 1G25UM 2G6UM 1G5UM 3G5UM 2G5UM 2G8UM 3G8UM 2G12UM 3G12UM 1G12UM 3G20UM 1G20UM 2G20UM 1G60UM 2G60UM 3G60UM 2G125UM 1G6UM
OCR Text ... - 63A 1.98kg (4.37 lb.) One Pole Standard Pack: 6 Two Pole Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.) R...25A 30A 32A 40A 50A 60A 63A Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A...
Description
File Size 120.26K  /  1 Page

View it Online

Download Datasheet

    C3P24D25 C3P24D25C

Teledyne Technologies Incorporated
Part No. C3P24D25 C3P24D25C
OCR Text ...81) C3P TELEDYNE RELAYS THREE POLE CONTROL IN FEATURES/BENEFITS * Three-phase solid-state relay in a compact SIP package * High-temperature plastic housing for mechanical ruggedness * Tight zero-cross window for low EMI * Exposed ceram...
Description Three-Phase Output 25A 280 Vac DC control

File Size 81.47K  /  2 Page

View it Online

Download Datasheet

For pole-25a Found Datasheets File :: 201    Search Time::2.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pole-25a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3675179481506