PART |
Description |
Maker |
74FST3861DT 74FST3861DW 74FST3861DWR2 74FST3861QSR |
10−Bit Bus Switch
|
ONSEMI[ON Semiconductor]
|
74FST6800DW 74FST6800DT 74FST6800DTR2 74FST6800DWR |
10−Bit Bus Switch with Precharged Outputs
|
ONSEMI[ON Semiconductor]
|
FSTUD16211_06 FSTUD16211 FSTUD16211GX FSTUD16211MT |
24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
|
FAIRCHILD[Fairchild Semiconductor]
|
74FST6800DWR2 |
10−Bit Bus Switch with Precharged Outputs CBT/FST/QS/5C/B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
ON Semiconductor
|
FSTU6800_06 FSTU6800 FSTU6800MTC FSTU6800QSC FSTU6 |
10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection CBT/FST/QS/5C/B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24 4.40 MM, MO-153, TSSOP-24 10-Bit Bus Switch with Precharged Outputs and ?V Undershoot Protection
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16374DTR 74VCX16374 74VCX16374DT |
Low−Voltage 1.8/2.5/3.3V 16−Bit D−Type Flip−Flop With 3.6 V−Tolerant Inputs and Outputs
|
ONSEMI[ON Semiconductor]
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
MC74HC165A_05 MC74HC165A MC74HC165AD MC74HC165ADG |
8−Bit Serial or Parallel−Input/ Serial−Output Shift Register High−Performance Silicon−Gate CMOS
|
ONSEMI[ON Semiconductor]
|
NLAS7222A NLAS7222AMTR2G |
3.3 V, Wide Bandwidth, 2− to −1−Port (DPDT) Switch with Enable
|
ON Semiconductor
|
BYV143-45AM BYV143-45MA BYV143-45RM BYV143-40RM BY |
Very low drop voltage regulators with inhibit IC 16-BIT BUS SWITCH 40BQSOP 20-Bit Bus Switch 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 16-Bit Bus Switch w/25 Ohm Resistor 双肖特基二极管中的TO220金属HI.REL应用工具 DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS 双肖特基二极管中的TO220金属HI.REL应用工具
|
SEMELAB LTD SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
74FST6800QS 74FST6800DW 74FST6800QSR 74FST3253QSR |
10-Bit Bus Switch with Precharged Outputs Dual 4:1 Multiplexer/Demultiplexer Bus Switch
|
ON Semiconductor
|
FSTD3125 FSTD3125M FSTD3125MTC FSTD3125QSC FSTD312 |
4-Bit Bus Switch with Level Shifting From old datasheet system BUS SWITCH|CMOS|SOP|14PIN|PLASTIC BUS SWITCH|CMOS|TSSOP|14PIN|PLASTIC
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|