PART |
Description |
Maker |
FQA11N90C |
900V N-Channel MOSFET 11 A, 900 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 900V N-Channel Advanced QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQPF6N90C FQP6N90C |
900V N-Channel Advance Q-FET C-Series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFIBF30G IRFIBF30GPBF |
900V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
|
IRF[International Rectifier]
|
STP5NC90Z STP5NC90ZFP STB5NC90Z STB5NC90Z-1 |
N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STE26NA90 6245 -STE26NA90 |
N-Channel 900V-0.25惟-26A-ISOTOP Fast Power MOSFET(N娌??蹇?????MOSFET) From old datasheet system N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET N - CHANNEL 900V - 0.25 Ohm - 26A - ISOTOP FAST POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
APT902RBN APT902R4BN |
TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 7A I(D) | TO-247AD 晶体管| MOSFET的| N沟道| 900V五(巴西)直| 7A条(丁)|采用TO - 247AD TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 6.5A I(D) | TO-247AD
|
Unisonic Technologies Co., Ltd.
|
STB3NC90Z-1 STP3NC90ZFP STP3NC90Z |
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STH8NB90FI STH8NB90 H8NB90FI STW8NB90 |
N-CHANNEL 900V - 1.1 OHM - 8A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh⑩ MOSFET N-CHANNEL MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQP2N90 |
900V N-Channel MOSFET 2.2 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
W15NK90Z STW15NK90Z -W15NK90Z |
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 900V 0.40 OHM 15A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|