PART |
Description |
Maker |
F0532506Q |
3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
|
EUDYNA[Eudyna Devices Inc]
|
PSI-REP-DNET-CAN |
Automatic data rate detection or fixed data rate setting via DIP switches
|
PHOENIX CONTACT
|
1064101200 |
QSFP to QSFP Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate
|
Molex Electronics Ltd.
|
K4D26323AA-GL |
1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL Data Sheet
|
Samsung Electronic
|
W631GG6KB-15 W631GG6KB12A W631GG6KB12I W631GG6KB12 |
Double Data Rate architecture: two data transfers per clock cycle
|
Winbond
|
M13S5121632A-2S |
Double-data-rate architecture, two data transfers per clock cycle
|
Elite Semiconductor Mem...
|
W9751G6KB-18 W9751G6KB-25 W9751G6KB-3 W9751G6KB25A |
Double Data Rate architecture: two data transfers per clock cycle
|
Winbond
|
M13L2561616A-2A |
Double-data-rate architecture, two data transfers per clock cycle
|
Elite Semiconductor Mem...
|
EVAL-ADN2817EBZ ADN2817 ADN2818 EVAL-ADN2818EBZ |
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery IC (With High Sensitivity Limiting Amp)
|
Analog Devices
|
ADN2817ADN2818 ADN2818ACP-RL ADN2818ACP-RL7 ADN281 |
Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC (With High Sensitivity Limiting Amp)
|
AD[Analog Devices] Analog Devices, Inc.
|
HYI18T1G400BF-2.5 HYI18T1G400BF-2.5F HYI18T1G800BC |
1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.5 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.6 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 256M X 4 DDR DRAM, 0.45 ns, PBGA68 1-Gbit Double-Data-Rate-Two SDRAM 64M X 16 DDR DRAM, 0.5 ns, PBGA84 1-Gbit Double-Data-Rate-Two SDRAM
|
Qimonda AG http://
|
AN9614 |
Using the PRISM??Chip Set for Low Data Rate Applications Using the PRISM㈢ Chip Set for Low Data Rate Applications
|
Intersil Corporation
|