PART |
Description |
Maker |
BR66 BR68 BR605 BR61 BR610 BR64 BR62 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 单相6.0放大器桥式整流器
|
FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
VBE100-12NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
ISL6218CRZ ISL6218CV ISL6218CVZ ISL6218CVZA ISL621 |
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO38
|
Intersil Corporation Intersil, Corp.
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
6PHR05 6PHR10 6PHR20 6PHR100 6PHR60 6PHR80 |
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
|
Electronic devices inc.
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
RS203 RS205 RS207 RS201 RS202 RS204 RS206 |
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
|
BYTES[Bytes]
|
SPD25 SPA25 SPB25 SPC25 |
25 amp single phase bridge rectifiers
|
MICROSEMI[Microsemi Corporation]
|