PART |
Description |
Maker |
RS1X-13-F RS1GB-13-F RS1J-13-F RS1D-13-F RS1K-13-F |
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMB 3K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1 A, 600 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 200 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir SMA 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
QRS1440T30 |
Fast Recovery Diode Module (400 Amp/1400 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
60CPH03 |
80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
|
Thinki Semiconductor Co...
|
ERB05GG |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:400 CURRENT: 0.5A
|
Gulf Semiconductor
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
T40HFL100S02 T40HFL100S05 T85HFL100S02 T85HFL100S0 |
100V Fast Recovery Diode in a T-Module package 600V Fast Recovery Diode in a T-Module package 400V Fast Recovery Diode in a T-Module package 1000V Fast Recovery Diode in a T-Module package FAST RECOVERY DIODES
|
IRF[International Rectifier]
|
70EPF06J 70EPF02 70EPF02J 70EPF04 70EPF04J 70EPF06 |
600V Fast Recovery Diode in a PowIRtab package 400V Fast Recovery Diode in a PowIRtab package 200V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
UG2004-T UG2007 UG2006 UG2006-T |
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 2A 400V 60A-ifsm 1.3V-vf 50ns 8uA-ir DO-15 4K/REEL-13 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc.
|
SKR2F50 SKR2F50_04 SKR2F50_04UNF SKR2F50_06 SKR2F5 |
Fast Recovery Rectifier Diode 17 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB
|
Semikron International
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|