PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74ACT244 74ACT244B 74ACT244M 74ACT244T 4825 |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74VHC541 74VHC541M 74VHC541T 6534 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED Dual 2-Line To 4-Line Decoders/Demultiplexers 16-TSSOP -40 to 85
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
74AC240 74AC240B 74AC240M 4697 -74AC240 |
Octal Bus Buffer with 3 State Outputs (Inverted)(涓??杈??????荤嚎缂???? From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
74ACT541 74ACT541B 6363 74ACT541M |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics]
|
74VHCT244A 74VHCT244AM 74VHCT244AT 6528 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
M74HCT541RM13TR M74HCT541TTR M74HCT541 M74HCT541B1 |
OCTAL BUS BUFFER WITH WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M74HC240TTR M74HC240RM13TR M74HC240 M74HC240B1R M7 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|