PART |
Description |
Maker |
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXZM P8SG-0505ZM P8SG-053R6ZM P8SG-1205ZM P |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
FKC03-12D05 FKC03-12S05 FKC03-12S12 FKC03-12S15 FK |
3 WATTS REGULATED OUTPUT POWER
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
W72 W7248-D5 W7215-D5 W7218-D5 W7224-D5 |
Single Output Regulated Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
W15 W1515-760 W1507-760 |
15 Watt - Single Output Regulated Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
MW4012-760 MW4018-760 |
(MW40xx-xxx) Medical Grade - Single Output Regulated Power Supplies
|
ETC
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL6111 ISL6111CRZA ISL6111EVAL2 ISL6111CRZA-T |
Current regulated PCI hot plug power switch controller. From old datasheet system Current Regulated PCI Hot Plug Power Switch Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC20 Current Regulated PCI Hot Plug Power Switch Controller 电流调节的PCI热插拔电源开关控制器
|
Intersil Corporation Intersil, Corp.
|