Part Number Hot Search : 
OPA692ID 79M12 ZDA8V LA1781M L8411 48S12 SL4081BN V8402
Product Description
Full Text Search
  six-sided Datasheet PDF File

For six-sided Found Datasheets File :: 628    Search Time::0.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74HC4049 74HC4049N 74HC4049D 74HC4049NB 74HC4049U

PHILIPS[Philips Semiconductors]
Part No. 74HC4049 74HC4049N 74HC4049D 74HC4049NB 74HC4049U
OCR Text ...d no. 7A. The 74HC4049 provides six inverting buffers with a modified input protection structure, which has no diode connected to VCC. Input...sided thick oxide field effect metal gate transistor as input protection. Fig.6 Logic diagram (on...
Description Hex inverting high-to-low level shifter

File Size 41.48K  /  7 Page

View it Online

Download Datasheet





    74HC4050 74HC4050PW 74HC4050D 74HC4050N

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. 74HC4050 74HC4050PW 74HC4050D 74HC4050N
OCR Text ...d no. 7A. The 74HC4050 provides six non-inverting buffers with a modified input protection structure, which has no diode connected to VCC. I...sided thick oxide field effect metal gate transistor as input protection. Fig.6 Logic diagram (on...
Description Hex high-to-low level shifter(六反相高到低电平移位 六角高向低电平转换器(六反相高到低电平移位器

File Size 40.60K  /  7 Page

View it Online

Download Datasheet

    A3935KE A3935KLQ 3935 A3935KJP A3935LQ A3935ED

ALLEGRO[Allegro MicroSystems]
Allegro MicroSystems, Inc.
Part No. A3935KE A3935KLQ 3935 A3935KJP A3935LQ A3935ED
OCR Text ...igh-power motors. Each provides six high-current gate drive outputs capable of driving a wide range of n-channel power MOSFETs. A requiremen...sided PWB with power tabs (terminals 1, 2, 11, 12, 22, 23, 34, and 35) connected to copper foil with...
Description 3-phase power MOSFET controller.
   3-PHASE POWER MOSFET CONTROLLER

File Size 312.60K  /  16 Page

View it Online

Download Datasheet

    EWD505 EWD EWD512 EWD1205 EWD1212 EWD1215 EWD515

POWER-ONE[Power-One]
Part No. EWD505 EWD EWD512 EWD1205 EWD1212 EWD1215 EWD515
OCR Text ...tures short circuit protection, six-sided shielding, and 500 VDC isolation. Please see the EWS series for single output applications. FEATURES * * * * Industry Standard Package Industry Standard Pinout 85C Case Operation Short Circuit Prote...
Description    DUAL OUTPUT, 5 WATT
DUAL OUTPUT/ 5 WATT
DUAL OUTPUT, 5 WATT 双输出,5瓦特

File Size 75.88K  /  3 Page

View it Online

Download Datasheet

    NSPW300 NSPW300BS

NICHIA CORPORATION
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. NSPW300 NSPW300BS
OCR Text ...hia. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; "#$$$$ - !% " - ...sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp t...
Description NICHIA WHITE LED

File Size 329.17K  /  15 Page

View it Online

Download Datasheet

    NSPW310BS

NICHIA CORPORATION
ETC[ETC]
List of Unclassifed Manufacturers
Part No. NSPW310BS
OCR Text ...hia. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; "#$$$$ - !% " - ...sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp t...
Description SPECIFICATION FOR NICHIA WHITE LED

File Size 320.49K  /  15 Page

View it Online

Download Datasheet

    NSPW500BS

NICHIA CORPORATION
List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. NSPW500BS
OCR Text ...ure. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; "#$$$$ - !% " - ...sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp t...
Description SPECIFICATION FOR NICHIA WHITE LED

File Size 409.00K  /  15 Page

View it Online

Download Datasheet

    LES020ZG LES015ZH LES015ZJ LES015YG LES015YH LES015YJ LES010ZE LES015ZG LES006ZB LES008YD LES008ZD LES010YE LES010ZD

POWER-ONE[Power-One]
Maxim Integrated Products, Inc.
Part No. LES020ZG LES015ZH LES015ZJ LES015YG LES015YH LES015YJ LES010ZE LES015ZG LES006ZB LES008YD LES008ZD LES010YE LES010ZD
OCR Text ...perature protection, as well as six-sided shielding. The LES is available with optional enable and voltage trim pins. Please see the IAD Series for dual output applications. FEATURES * * * * Industry Standard Package Industry Standard P...
Description 15 Watt, input voltage range:36-75V, output voltage 2.5V,(3A) DC/DC converter
LES SERIES - 15 WATT
TV 2C 2#16 PIN WALL RECP
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight
TV 61C 61#20 SKT RECP LES系列- 15

File Size 176.73K  /  3 Page

View it Online

Download Datasheet

    PMBT3904D

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PMBT3904D
OCR Text ...itching transistors in a SC-74, six lead, SMD plastic package. MARKING TYPE NUMBER PMBT3904D D1 MARKING CODE handbook, halfpage 6 PMBT39...sided copper, tinplated, mounting pad for collector 1 cm2. total power dissipation Tamb 25 C; note ...
Description NPN switching double transistor

File Size 66.38K  /  8 Page

View it Online

Download Datasheet

    PWR1546A PWR1546AH

CANDD[C&D Technologies]
Part No. PWR1546A PWR1546AH
OCR Text ... POWER SHORT-CIRCUIT PROTECTION six-sided SHIELDING INTERNAL INPUT AND OUTPUT FILTERING FULLY REGULATED APPLICATIONS HIGH RESOLUTION DATA ACQUISTION PRECISION TEST EQUIPMENT HIGH GAIN AMPLIFIERS PRECISION INSTRUMENTATION DESCRIPTION ...
Description 5 WATT UNREGULATED DC/DC CONVERTER

File Size 239.06K  /  4 Page

View it Online

Download Datasheet

For six-sided Found Datasheets File :: 628    Search Time::0.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of six-sided

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3603749275208