PART |
Description |
Maker |
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
2EZ11D5 2EZ14D5 2EZ150D5 2EZ16D5 2EZ17D5 2EZ180D5 |
SILICON ZENER DIODES CABLE RISER SHIELD 6COND 22AWG CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 8 Character x 1 Line, 5 x 11 Dot Matrix Character surface mount silicon Zener diodes 33 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 36 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 16 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 39 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 43 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 CONN EDGE CARD DUAL .8MM 40POS 17 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 120 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
EIC discrete Semiconduc... http:// EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC SEMICONDUCTOR INC
|
GBAV151 |
The GBAV151 is designed for ultra high speed switching application SURFACE MOUNT,SWITCHING DIODE
|
E-Tech Electronics LTD GTM CORPORATION
|
BAV23S-7-F BAV23C-7-F BAV23A-7-F |
SURFACE MOUNT SWITCHING DIODE 0.4 A, 250 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
BAS21T-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.2 A, 250 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
BAV21W-7-F BAV20W-7-F |
SURFACE MOUNT SWITCHING DIODE 0.2 A, 150 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
1N4448W-7-F |
FAST SWITCHING SURFACE MOUNT DIODE 0.25 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
1N4148WS-7 BAV16WS-13 |
surface mount fast switching diode 0.15 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes, Inc. DIODES INC
|
1N4148WSQ-7-F DS30097 1N4148WS-7-F 1N4148WS-13-F |
Switching Diodes SURFACE MOUNT FAST SWITCHING DIODE SURFACE MOUNT FAST SWITCHING DIODE
|
Diodes Incorporated
|
BAV199 |
Surface Mount Switching Diode
|
Weitron Technology
|
BAS21 |
Surface Mount Switching Diode
|
Comchip Technology
|
|