PART |
Description |
Maker |
LTC3851AMPMSE-1TRPBF LTC3851A-1-15 |
0.05 A SWITCHING CONTROLLER, 810 kHz SWITCHING FREQ-MAX, PDSO16 LEAD FREE, PLASTIC, MSOP-16 Synchronous Step-Down Switching Regulator Controller
|
Linear Technology, Corp.
|
BD9850FVM08 BD9851EFV BD9850FVM |
DUAL SWITCHING CONTROLLER, 3000 kHz SWITCHING FREQ-MAX, PDSO20 Single-output High-frequency Step-down Switching Regulator(Controller type)
|
Rohm
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
LTC3703EGN-5 LTC3703EG-5 LTC3703EG-5TR |
60V Synchronous Switching Regulator Controller RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 100V Synchronous Switching Regulator Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC3810EUH-5TRPBF LTC3810-5-15 |
100V Current Mode Synchronous Switching Regulator Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PQCC32 60V Current Mode Synchronous Switching Regulator Controller
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3703IG-5TR |
100V Synchronous Switching Regulator Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 5 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ISL6522CB ISL6522IB ISL6522IB-T ISL6522IBZ ISL6522 |
Adjustable Precision Shunt Regulator 5-SOT-23 0 to 70 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC16 Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ISL6532A ISL6532ACR ISL6532ACR-T ISL6532ACRZ ISL65 |
PWM Control Circuit 16-SOIC 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 ACPI Regulator/Controller for Dual Channel DDR Memory Systems 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 PWM Control Circuit 16-SSOP 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. Intersil Corporation
|
ISL6219A ISL6219ACA ISL6219ACA-T |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO28 Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|