PART |
Description |
Maker |
AT89LV55NBSP AT89LV55-12AC |
2.7-Volt, 80C32 Microcontroller with 20K bytes Flash MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TQFP,44PIN,PLASTIC From old datasheet system
|
Atmel Corp
|
89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16 |
8-Bit Microcontroller with 20K Bytes Flash
|
ATMEL[ATMEL Corporation]
|
AT87F55 |
8-bit Microcontroller with 20K Bytes QuickFlash(8位微控制器(0K字节快闪速存储器
|
Atmel Corp.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
AT90USB646-AU TS87C51RB2-VIB TS80C31X2-LIEB AT90US |
8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
W78L32 W78L32-24 W78L32F-24 W78L32P-24 |
8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 From old datasheet system
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
AT80C54X2ZZZ-3CSUL AT80C58X2ZZZ-3CSUL AT80C54X2ZZZ |
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 GREEN, PLASTIC, DIP-40 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, LCC-44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 GREEN, VQFP-44 8BIT AT87 CISC 32KB OTP 60MHZ 5V 44VQFP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation http:// Atmel, Corp.
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
|