PART |
Description |
Maker |
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ821 74ACTQ821SC 74ACTQ821SPC |
Quiet Seriesa?10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa10-Bit D-Type Flip-Flop with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MM74HC574WM MM74HC574SJX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop IC,FLIP-FLOP,OCTAL,D TYPE,HC-CMOS,SOP,20PIN,PLASTIC
|
Fairchild Semiconductor Corp
|
74LVC1G74GD125 |
Single D-type flip-flop with set and reset; positive edge trigger; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCX16374 74LCX16374GX 74LCX16374MEAX |
FLIP-FLOP|16-BIT|D TYPE|LCX-CMOS|SSOP|48PIN|PLASTIC 触发器| 16位| D型|回旋支全CMOS | SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
MC14175B MC14175BCP MC14175BD MC14175BDR2 MC14175B |
Graphics System Processor 145-CPGA -55 to 125 4000/14000/40000 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16 Quad Type D Flip-Flop
|
ONSEMI[ON Semiconductor]
|
74ALS74A 74ALS74AD 74ALS74ADB 74ALS74AN 74ALS74 |
Dual D-type flip-flop with set and reset ALS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FMM362HE FMM363HG |
Single D-Type Flip-Flop Single 2-input OR/NOR Gate
|
|
MC74HCT273ANG |
Octal D-Type Flip-Flop; Package: 20 LEAD PDIP; No of Pins: 20; Container: Rail; Qty per Container: 18 HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDIP20
|
ON Semiconductor
|