Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
  arrangement Datasheet PDF File

For arrangement Found Datasheets File :: 13194    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    B66365G1500X187 B66365G1000X187

EPCOS
Part No. B66365G1500X187 B66365G1000X187
OCR Text ...) may effect coplanarity or pin arrangement. ? not following the processing notes for solderin g of the j-leg terminals may cause solderability problems at the transformer because of pollution wi th sn oxyd of the tin bath or burned insula...
Description Ferrites and accessories

File Size 164.69K  /  9 Page

View it Online

Download Datasheet





    hitachi
Part No. 56A841 HB56A841BRSERIES
OCR Text ... Series, HB56A441BR Series Pin arrangement 1Pin 36Pin 37Pin 72Pin Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Pin name VSS DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 VCC PD4 A0 A1 A2 A3 A4 A5 A6 Pin No. 19 20 21 22 23 24...
Description From old datasheet system

File Size 444.46K  /  30 Page

View it Online

Download Datasheet

    HE1AN-P-AC24V HE1AN-Q-AC24V HE1AN--AC120V HE1AN--AC12V HE1AN--AC240V HE1AN--AC24V HE1AN--AC48V HE1AN--DC110V HE1AN--DC12

Matsushita Electric Works(Nais)
NAIS[Nais(Matsushita Electric Works)]
Part No. HE1AN-P-AC24V HE1AN-Q-AC24V HE1AN--AC120V HE1AN--AC12V HE1AN--AC240V HE1AN--AC24V HE1AN--AC48V HE1AN--DC110V HE1AN--DC12V HE1AN--DC24V HE1AN--DC48V HE1AN--DC6V HE1AN-DC6V HE1AN-P-AC120V HE1AN-P-AC12V HE1AN-P-AC240V HE1AN-P-AC48V HE1AN-P-DC110V HE1AN-P-DC12V HE1AN-P-DC24V HE1AN-P-DC48V HE1AN-P-DC6V HE1AN-Q-AC120V HE1AN-Q-AC12V HE1AN-Q-AC240V HE1AN-Q-AC48V HE1AN-Q-DC110V HE1AN-Q-DC12V HE1AN-Q-DC24V HE1AN-Q-DC48V HE2AN-SW-DC6V HE1AN-Q-DC6V HE1AN-S-AC120V HE1AN-S-AC12V HE1AN-S-AC240V HE1AN-S-AC24V HE1AN-S-AC48V HE1AN-S-DC110V HE1AN-S-DC12V HE1AN-S-DC24V HE1AN-S-DC48V HE1AN-S-DC6V HE1AN-SW-AC120V HE1AN-SW-AC12V HE1AN-SW-AC240V HE1AN-SW-AC24V HE1AN-SW-AC48V HE1AN-SW-DC110V HE1AN-SW-DC12V HE1AN-SW-DC24V HE1AN-SW-DC48V HE1AN-SW-DC6V HE2AN--AC120V HE2AN--AC12V HE2AN--AC240V HE2AN--AC24V HE2AN--AC48V HE2AN--DC110V HE2AN--DC12V HE2AN--DC24V HE2AN--DC48V HE2AN--DC6V HE2AN-P-AC120V HE2AN-P-AC12V HE2AN-P-AC240V HE2AN-P-AC24V HE2AN-P-AC48V HE2AN-P-DC12V HE2AN-P-DC24V HE2AN-P-DC48V HE2AN-P-DC6V HE2AN-Q-AC120V HE2AN-Q-AC12V HE2AN-Q-AC240V HE2AN-Q-AC24V HE2AN-Q-AC48V HE2AN-Q-DC110V HE2AN-Q-DC12V HE2AN-Q-DC24V HE2AN-Q-DC48V HE2AN-Q-DC6V HE2AN-S-AC120V HE2AN-S-AC12V HE2AN-S-AC240V HE2AN-S-AC24V HE2AN-
OCR Text ... SPECIFICATIONS Contacts Type arrangement Contact material Initial contact resistance, max. (By voltage drop 6 V DC 1A) Nominal switching capacity Rating (resistive) Max. switching power Max. switching voltage Max. switching current Mecha...
Description HE-relay. TV-10, 25 AMP power relay. AC type. 2 form A. NEMA terminal. Nominal voltage 120 V AC.
HE-relay. TV-10, 25 AMP power relay. AC type. 2 form A. NEMA terminal. Nominal voltage 240 V AC.
HE-relay. TV-15, 30 AMP power relay. AC type. 1 form A. NEMA terminal. Nominal voltage 240 V AC.
TV-15, 30 AMP (1 Form A) Power Relay

File Size 216.02K  /  6 Page

View it Online

Download Datasheet

    B65812-B3003-X22 B65812-K1012-D2 B65812-N1005-D1 B65812-B3001-X22 B65812-C1512-T1 B65812-N1008-D2 B65812-A2203 B65812-A5

EPCOS AG
EPCOS[EPCOS]
Part No. B65812-B3003-X22 B65812-K1012-D2 B65812-N1005-D1 B65812-B3001-X22 B65812-C1512-T1 B65812-N1008-D2 B65812-A2203 B65812-A5000 B65812-B3001-X101 B65812-B3002-X22 B65812-C2005 B65812-K1005-D1 B65812-K1005-D2 B65812-K1008-D1 B65812-K1012-D1 B65812-N1005-D2 B65812-N1008-D1 B65812-N1012-D1 B65812-W1008-D1 B65812-X1108-D2 B65811-J630-J41 B63399-B1 B63399-B5 B65811 B65811-D250-A48 B65811-D315-A48 B65811-D400-A48 B65811-D630-J48 B65811-D-R26 B65811-F250-A48 B65811-F315-A48 B65811-F400-A48 B65811-F630-J48 B65811-J1600-K41 B65811-J160-A41 B65811-J250-A87 B65811-J250-J41 B65811-J400-A87 B65811-J-R30 B65811-J-R41 B65811-J-R49 B65811-J-R87 B65811-J-R97 B65811-J-Y38
OCR Text ...+0,1 _ 10 FRM0301-M Hole arrangement View in mounting direction 226 08/01 60 RM 8 Accessories Coil former, pins squared in the start-of-winding area Material: GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085...
Description RM cores are supplied in sets

File Size 232.61K  /  9 Page

View it Online

Download Datasheet

    B59563T0060 B59563T0060110 B59108T0080010 B59555T0060110 B59209T0080010 B59704T0080110 B59709T0060_110 B59104T0080_010 B

EPCOS[EPCOS]
Part No. B59563T0060 B59563T0060110 B59108T0080010 B59555T0060110 B59209T0080010 B59704T0080110 B59709T0060_110 B59104T0080_010 B59250T0080_010 B59608T0080_110 B59705T0060_110 B59705T0060110 B59709T0060110 B59104T0080010 B59250T0080010 B59608T0080110
OCR Text ...l PTC C Degaussing coil Hole arrangement A C 5 e B C VN 220 V~ Heater PTC A 2,5 e A TPT0607-2 5 e A TPT0608-A TPT0549-6-E General technical data Operating temperature range (V = 0) Operating temperature ra...
Description Degaussing of picture tubes

File Size 97.50K  /  7 Page

View it Online

Download Datasheet

    LG
Part No. LP133X09-A2
OCR Text ...n combination with the vertical arrangement of the sub-pixels, the lp133x09-a2 characteristics provide an excellent flat display for office automation products such as notebook pc. general features display operating mode active screen s...
Description Liquid Crystal Display

File Size 402.88K  /  26 Page

View it Online

Download Datasheet

For arrangement Found Datasheets File :: 13194    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of arrangement

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8804180622101