PART |
Description |
Maker |
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
PS12-1W PS12-1Y |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX PLASTIC PACKAGE-4 PS12 Series High Performance Solid State Relays
|
Mini-Circuits Tyco Electronics
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
HSSR-8200 |
60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 200-V/160 Ohm/ 1 Form A/ Small-Signal Solid State Relay 200-V/160 Ohm, 1 Form A, Small-Signal Solid State Relay
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LH1524-AB LH1520-AB LH1520-AAC LH1520-AACTR |
High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 2FormA
|
Infineon
|
VN380 VN380SP 5984 VN380.VN380SP |
SMART SOLENOID DRIVER SOLID STATE RELAY From old datasheet system Smart Solenoid Driver Solid State Relay(智能螺线管驱动器固态继电器)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
G2-DB02-SR G2-DB02-TT G2-DB01-ST G2-DB02-ST |
RELAY SSR DPST-NC 200MA 8PIN SMD TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX RELAY SSR DPST-NC 200MA 8 DIP TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Crydom, Inc.
|