PART |
Description |
Maker |
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
G3M-102PL-US G3M-202PL-US G3M-102PL-US-4 G3M-202PL |
Solid State Relays TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX SIP-4
|
Omron Electronics LLC Analog Devices, Inc. Mitsubishi Electric, Corp.
|
VN380 VN380SP 5984 VN380.VN380SP |
SMART SOLENOID DRIVER SOLID STATE RELAY From old datasheet system Smart Solenoid Driver Solid State Relay(智能螺线管驱动器固态继电器)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
SGX-1505FB110A240A10PL SGX-1505FB110A240A10ZL SGX- |
“HOCKEY PUCK?/a> SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS “HOCKEY PUCK SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS 隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
|
American Zettler, Inc.
|