PART |
Description |
Maker |
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2SC3468 2SC3468L-D |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
A42 |
300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
BCD SEMICONDUCTOR MANUFACTURING LTD
|
SHD431104 |
300 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SENSITRON SEMICONDUCTOR
|
KSP44IUBU KSP44IUTA |
300 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBTA42LT1 MMBTA42LT1G MMBTA43LT1 MMBTA43LT3 MMBTA |
High Voltage Transistors(NPN Silicon) 50 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB Small Signal High Voltage
|
ONSEMI[ON Semiconductor]
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
ZTX849SMTA X957SMTA FXT704STOA |
5 A, 30 V, NPN, Si, POWER TRANSISTOR 1 A, 300 V, PNP, Si, POWER TRANSISTOR 1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC DIODES INC
|
|