PART |
Description |
Maker |
2N2894DCSM |
DUAL HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装))
|
SemeLAB SEME-LAB[Seme LAB] Lumex, Inc.
|
MHQ2907 |
4 HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTORS IN A HERMETICALLY SEALED 14 LEADED CERDIP (J-PACK) PACKAGE
|
ETC Seme LAB
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N5151-220M 2N5153-220M 2N515101 |
PNP 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset HIGH SPEED MEDIUM VOLTAGE SWITCHES
|
Seme LAB
|
KSB1116A KSB1116 KSB1116AGBU KSB1116AGTA KSB1116AL |
Audio Frequency Power Amplifier & Medium Speed Switching PNP Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
KTA1045D KTA1045L |
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, MEDIUM SPEED SWITCHING) EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP/ MEDIUM SPEED SWITCHING)
|
KEC(Korea Electronics)
|
FZT558 |
0.2 A, 400 V, PNP, Si, POWER TRANSISTOR SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
ZTX718 ZTX718-15 |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SA1714 2SA1714K 2SA1714L 2SA1714M |
PNP high-speed switching darlington transistor PNP SILICON EPITAXIAL POWER TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING 进步党硅外延功率晶体管(达林顿连接笔记本高)高速开
|
NEC Corp. NEC, Corp.
|
555 FMMT555_03 FMMT555 FMMT55503 |
PNP High Voltage Transistor SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|