PART |
Description |
Maker |
IRKEL240-10S10 2199 IRKCL240-6S10 IRKDL240-6S10 IR |
600V Fast Recovery Diode in a MAGN-A-Pak package 600V的快恢复二极管在磁共 à - Pak封装 MAGN-A-pak Power Modules 磁共甲柏电源模块 IC LOGIC 3245 OCTAL FET BUS SWITCH -40 85C TSSOP-20 - OBSOLETE 快速恢复二极管 FAST RECOVERY DIODES 快速恢复二极管 IC LOGIC 3861 10-BIT FET BUS SWITCH -40 85C SOIC-24 - OBSOLETE 快速恢复二极管 From old datasheet system 2500V Fast Recovery Diode in a MAGN-A-Pak package 1000V Fast Recovery Diode in a MAGN-A-Pak package 1200V Fast Recovery Diode in a MAGN-A-Pak package 1400V Fast Recovery Diode in a MAGN-A-Pak package 2000V Fast Recovery Diode in a MAGN-A-Pak package 1600V Fast Recovery Diode in a MAGN-A-Pak package
|
International Rectifier, Corp. IR
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
GUF02-12E GUF02-14E GUF02-16E GUF02-18E GUF02-20E |
Ultra Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200 TO 2000V CURRENT: 0.25A
|
Gulf Semiconductor
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|