PART |
Description |
Maker |
20CTQ150STRRPBF 20CTQ150STRR |
SCHOTTKYRECTIFIER
|
International Rectifier
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
0194280014 SD-19428-006 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
MCP603T-E/ST MCP603T-I/ST MCP6022-I/SN MCP6022-I/S |
MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ...
|
Microchip
|
ST600700 |
AC BLINKING SSR
|
celduc-relais
|
STK350-230 |
STK350-230
|
Sanyo Semiconductor
|
HS201 HS301 |
HK1 contains 2 SSR mounting screws 8-32 x 3/8
|
Crydom Inc.,
|
PHA15DW2RP PHA15DW2RPS PHA25DW2RPS PHA25DW2RP |
SSR - 240V 15/25A (RMS)
|
NIEC[Nihon Inter Electronics Corporation]
|
SF1102B |
230 MHz SAW Filter
|
RFM[RF Monolithics, Inc]
|
261501B |
230.5 MHz SAW Filter
|
Integrated Technology F...
|
LH1546-AAB LH1546-AABTR |
Solid State Relay (SSR) 1FormA
|
Infineon
|