PART |
Description |
Maker |
150CNQ045 150CNQ 150CNQ035 150CNQ040 |
45V 150A Schottky Common Cathode Diode in a D-60 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
110CNQ045A 110CNQ045ASM 110CNQ045ASL |
45V 110A Schottky Common Cathode Diode in a D61-8-SL package 45V 110A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER New GenIII D-61 Package 110 Amp
|
IRF[International Rectifier]
|
MBRB3045CTTRL MBRB3045CTTRR MBR3045CT-1 |
45V 30A Schottky Common Cathode Diode in a D2-Pak package 45V 30A Schottky Common Cathode Diode in a TO-262 package
|
International Rectifier
|
81CNQ045 81CNQ 81CNQ035 81CNQ040 81CNQ045SL 81CNQ0 |
SCHOTTKY RECTIFIER 80 Amp 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
IRF[International Rectifier]
|
81CNQ045A 81CNQ040A 81CNQ035A 81CNQ045ASM 81CNQ045 |
35V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER New GenIII D-61 Package
|
International Rectifier INTERFET[InterFET Corporation]
|
8CLJQ045 |
8.5A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package
|
International Rectifier
|
MBRF1560CT-Y |
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
|
Taiwan Semiconductor Co...
|
MBRB3030CTLTRRP MBRB3030CTLTRLP MBRB3030CTLPBF MBR |
Schottky (Diodes & Rectifiers) 30 Amp 30 Volt Common Cathode Diode Schottky 45V 30A 3-Pin(2 Tab) D2PAK
|
Vishay Semiconductors
|
224CNQ035 224CNQ040 224CNQ045 |
45V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package
|
International Rectifier
|