Part Number Hot Search : 
14073B 21282 FQB9N25 FS75R12K 1H223 HCS370P 1M188RTA T1206
Product Description
Full Text Search
  d-60 Datasheet PDF File

For d-60 Found Datasheets File :: 207221    Search Time::5.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    D-60 D-60B D-60A

Mean Well Enterprises Co., Ltd.
Part No. d-60 d-60B d-60A
OCR Text d-60 series Protections:Short circuit/Over load/Over voltage Cooling by free air convection LED indicator for power on Fixed switching frequency at 54KHz 2 years warranty SPECIFICATION MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT ...
Description 60W Dual Output Switching Power Supply

File Size 381.54K  /  2 Page

View it Online

Download Datasheet





    MC10E141-D

ON Semiconductor
Part No. MC10E141-D
OCR Text d mc10e141, mc100e141 5vecl 8bit shift register the mc10e/100e141 is an 8-bit full-function shift register. the e141 performs serial/paral...60 60 60 ps t jitter cycletocycle jitter tbd tbd tbd ps t r rise/fall times ps t f (20 - 80%) 30...
Description 5V ECL 8 Bit Shift Register

File Size 69.32K  /  8 Page

View it Online

Download Datasheet

    MC10H641-D

ON Semiconductor
Part No. MC10H641-D
OCR Text d ! the mc10h/100h641 is a single supply, low skew translating 1:9 c...60 70 c/w) figure 2. ? ja versus air flow finally taking this value for junction temperature and ...
Description Single Supply PECL to TTL 1:9 Clock Distribution Chip

File Size 129.54K  /  8 Page

View it Online

Download Datasheet

    MC74ACT241-D

ON Semiconductor
Part No. MC74ACT241-D
OCR Text d mc74act241 octal buffer/line driver with 3-state outputs1 the mc74act241 is an octal buffer and line driver designed to be employed as a m...60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.00...
Description Octal Buffer/Line Driver with 3-State Outputs1

File Size 91.11K  /  8 Page

View it Online

Download Datasheet

    MTY20N50E-D

ON Semiconductor
Part No. MTY20N50E-D
OCR Text d mty20n50e preferred device power mosfet 20 amps, 500 volts nchannel to264 this high voltage mosfet uses an advanced termination scheme to ...60 adc apk total power dissipation derate above 25 c p d 250 2.0 watts w/ c operating and storage ...
Description Power MOSFET 20 Amps, 500 Volts

File Size 90.19K  /  8 Page

View it Online

Download Datasheet

    NTF3055L108-D

ON Semiconductor
Part No. NTF3055L108-D
OCR Text d ? semiconductor components industries, llc, 2001 october, 2001 rev. 1 1 ntf3055l108 preferred device power mosfet 3.0 amps, 60 volts, logic level nchannel sot223 designed for low voltage, high speed switching applications in power suppl...
Description Power MOSFET 3.0 Amps, 60 Volts, Logic Level N-Channel SOT-223

File Size 58.24K  /  8 Page

View it Online

Download Datasheet

    NCP1403-D

ON Semiconductor
Part No. NCP1403-D
OCR Text d ncp1403 15 v/30 ma pfm step-up dc-dc converter the ncp1403 is a monolithic pfm stepup dcdc converter. this device is designed to boost a s...60 50 40 30 20 10 0 13.0 13.5 14.0 14.5 15.0 15.5 16.0 17.0 70 60 50 40 30 20 10 0 0 20 40 60 100 fi...
Description 15 V/30 mA PFM Step-Up DC-DC Converter

File Size 162.76K  /  20 Page

View it Online

Download Datasheet

    MC3346-D

ON Semiconductor
Part No. MC3346-D
OCR Text ...a = 25 c derate above 25 c p d 1.2 10 w mw/ c operating temperature range t a 40 to +85 c storage temperature range t stg 65 to +150 c...60 vdc collectoremitter breakdown voltage (i c = 1.0 madc) v (br)ceo 15 vdc collectorsubstrate ...
Description General Purpose Transistor Array One Differentially Connected Pair and Three Isolated Transistor Arrays

File Size 50.29K  /  8 Page

View it Online

Download Datasheet

    CS5203A-D

ON Semiconductor
Part No. CS5203A-D
OCR Text d cs5203a-1, cs5203a-2, cs5203a-3, cs5203a-5 3.0 a adjustable, and fixed 1.5 v, 3.3 v and 5.0 v linear regulators the cs5203a series of ...60 to +150 c lead temperature soldering: wave solder (through hole styles only) note 1 reflow (smd...
Description 3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators

File Size 85.86K  /  12 Page

View it Online

Download Datasheet

    NTP13N10-D

ON Semiconductor
Part No. NTP13N10-D
OCR Text d ntp13n10 preferred device advance information power mosfet 13 amps, 100 volts nchannel enhancementmode to220 features ? sourcetodrain diod...60 di s /dt = 100 a/ m s) t b 28 reverse recovery stored charge q rr 0.3 m c 2. indicates...
Description Power MOSFET 13 Amps, 100 Volts N-Channel Enhancement-Mode TO-220

File Size 67.44K  /  8 Page

View it Online

Download Datasheet

For d-60 Found Datasheets File :: 207221    Search Time::5.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of d-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.5435779094696