PART |
Description |
Maker |
1206D 1206FD 1210UFD 1202D 1202FD 1202UFD 1210D 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1202A 1202FA |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
1102UFE 1106E 1102FE 1102E 1106FE 1110FE 1110UFE |
200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-B |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components 天津环球磁卡股份有限公司 Micro Commercial Compon...
|
1106FD 1102UFD 1106D 1102D 1102FD 1110FD 1106UFD |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
RS2506M RS2507M RS2501M RS2502M RS2503M RS2504M RS |
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes) 4.3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
1506FB 1510FB |
200 V - 1,000 V Single Phase Bridge
|
Voltage Multipliers
|
RB-156 |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon...
|