PART |
Description |
Maker |
CPD07 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CP616 |
Small Signal Transistor PNP - Silicon RF Transistor Chip Chip Form: RF TRANSISTOR
|
Central Semiconductor Corp
|
CPQ150 |
Chip Form: SILICON TRIAC
|
Central Semiconductor
|
CP547 |
Chip Form: DARLINGTON TRANSISTOR Power Transistor PNP - Darlington Chip
|
Central Semiconductor Corp
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
MB89P485 |
Single-Chip MCU Data Release Form (AH)
|
FUJITSU
|
MB89P475 |
Single-Chip MCU Data Release Form (WG)
|
FUJITSU
|
CP207 |
Chip Form: SATURATED SWITCH TRANSISTOR Small Signal Transistor NPN - Saturated Switch Transistor Chip
|
Central Semiconductor Corp
|
LAN9211-ABZJ LAN9211 |
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
|
SMSC Corporation
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|