PART |
Description |
Maker |
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
HSSR8060 HSSR-8060 HSSR-8400 |
400 V/10 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay 60 V/0.7欧姆,通用 A型,固态继电器 60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay
|
Fujitsu, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
J-A1A |
Solid State Relay, 2 PDT, 12A, Relay-Nonlatch
|
Leach International
|
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
|
NEC, Corp. NEC Corp. NEC[NEC]
|