PART |
Description |
Maker |
MCP3302-BI/SL MCP3302-BI/ST MCP3302-BI/P MCP3304T- |
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input, Low Power A/D Converter with SPISerial Interface 13-Bit Differential Input, Low Power A/D Converter with SPI?/a> Serial Interface
|
Microchip Technology Inc.
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
LTC2435CGN LTC2435IGN LTC2435-1CGN LTC2435-1IGN LT |
20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency ADCs with Differential Input and Differential Reference
|
LINER[Linear Technology]
|
P80CL31HFH P80CL31HFP P80CL31HFT P80CL51HFH P80CL5 |
Differential Input, 1 MSPS, 12- (AD7450A) & 10-Bit (AD7440) ADCs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Differential Input, 1 MSPS, 12- (AD7450A) & 10-Bit (AD7440) ADCs; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial Low-voltage single-chip 8-bit microcontrollers
|
Philips Semiconductors NXP Semiconductors
|
MCP3302-BI_P MCP3302-BI_SL MCP3302-BI_ST MCP3302-C |
13-Bit Differential Input, Low Power A/D Converter with SPI⑩ Serial Interface
|
MICROCHIP[Microchip Technology]
|
AD7441BRMZ AD7441BRTZ-R2 AD7441BRTZ-REEL7 EVAL-AD7 |
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23 Pseudo Differential Input, 1 MSPS, 10-Bit ADC in an 8-Lead SOT-23; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices ANALOG DEVICES INC
|
ISL26320 ISL26321 ISL26324 ISL26325 ISL26323 |
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
|
Intersil Corporation
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LTC2321-12 LTC2321-14 LTC2321-16 LTC2314-14 LT1818 |
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321-16 LTC2321-14 LTC2314-14 LT1818 LTC6652 LT |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|