PART |
Description |
Maker |
890-000-K0200-6000-00 901-000-00200-6000-00 801-00 |
MODUL ANZEIGE 18X24MM T5.5 MODUL SCHALTER 1P T1 3/4 MODUL SCHALTER 1P T5.5 MODUL ANZEIGE 18X18MM T5.5 MODUL ANZEIGE 18X24MM T1 3/4 1.5A Dual MOSFET Drvr, td Match, 0C to 70C, 8-SOIC 150mil, T/R MODUL ANZEIGE 18X18MM T1 3/4 MODUL SCHALTER 18X18MM SPDT T5.5 MODUL SCHALTER 18X18MM DPDT T1 3/4 模件SCHALTER 18X18MM双刀双掷T1 3 / 4 MODUL SCHALTER 18X18MM SPDT T1 3/4 模件SCHALTER 18X18MM单刀双掷T1 3 / 4
|
EAO International TE Connectivity, Ltd.
|
FMC7G20US60 |
IGBT Compact & Complex Module Function Generator; Bandwidth Max:20MHz; Amplitude Accuracy :0.01dB; Frequency Max:20MHz; Frequency Min:0.1Hz; Waveforms:27 Built-in RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FMS6G10US60 |
Compact & Complex Module
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FMS6G15US60S |
Compact & Complex Module
|
FAIRCHILD[Fairchild Semiconductor]
|
FMM7G50US60N |
Compact & Complex Module
|
Fairchild Semiconductor
|
FF1400R12IP4 |
IGBT Modules up to 1200V Dual ; Package: AG-PRIME3-1; IC (max): 1,400.0 A; VCE(sat) (typ): 1.75 V; Configuration: Dual Modules; Technology: IGBT4; Housing: PrimePACK 3; PrimePACK? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC PrimePACK?? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
|
Infineon Technologies AG
|
FMC6G30US60 |
Function Generator; Bandwidth Max:120MHz; Amplitude Accuracy :0.01dB; Frequency Max:120MHz; Frequency Min:0.1Hz; Waveforms:27 Built-in RoHS Compliant: NA Compact & Complex Module
|
Fairchild Semiconductor Corporation
|
CM10MD1-24H CM10MD1-24 |
CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts 10 A, 1200 V, N-CHANNEL IGBT CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts TRANSISTOR,IGBT POWER MODULE,COMPLEX BRIDGE,1.2KV V(BR)CES,10A I(C)
|
Powerex, Inc. Powerex Inc POWEREX[Powerex Power Semiconductors]
|
EPM3128ATC100-10 EPM3256ATC144-10 EPM3032 EPM3256- |
IC,COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,TQFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,QFP,144PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,10NS PROP DELAY,LDCC,44PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,7.5NS PROP DELAY,QFP,144PIN,PLASTIC
|
Altera Corp
|
MID145-12A3 MII145-12A3 |
1200V IGBT module IGBT Modules: Boost Configurated IGBT Modules IGBT Modules - Short Circuit SOA Capability Square RBSOA 160 A, 1200 V, N-CHANNEL IGBT
|
IXYS Corporation IXYS, Corp.
|
EPM7256AETC14410 EPM7128AETC100-10 EPM7064AETC |
IC,COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,QFP,144PIN,PLASTIC IC,COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,TQFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,64-CELL,10NS PROP DELAY,TQFP,44PIN,PLASTIC
|
Altera
|
|