PART |
Description |
Maker |
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
10ETF06 10ETF02 10ETF04 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-220AC package 400V Fast Recovery Diode in a TO-220AC package 600V Fast Recovery Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
70EPF06J 70EPF02 70EPF02J 70EPF04 70EPF04J 70EPF06 |
600V Fast Recovery Diode in a PowIRtab package 400V Fast Recovery Diode in a PowIRtab package 200V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
BYV34300M BYV34-500M BYV34-300M BYV34-400M BYV34-3 |
400V, 2x10A Dual Fast Recovery common cathode Rectifier diode 300V, 2x10A Dual Fast Recovery common cathode Rectifier diode HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 5.0 AMP POSITIVE VOLTAGE REGULATOR 500V, 2x10A Dual Fast Recovery common cathode Rectifier diode
|
SemeLAB SEME-LAB[Seme LAB]
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
10ETF12FP 10ETF10FP |
1200V Fast Recovery Diode in a TO-220 FullPak package 1000V Fast Recovery Diode in a TO-220 FullPak package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
SD253R16S20PV SD253N SD253N04S15MBV SD253N04S15MSV |
FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本 1200V Fast Recovery Diode in a DO-205AB (DO-9) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
TFR4N TFR4T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR7H |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
SMAU2G |
Ultra Fast Recovery Diode ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|