PART |
Description |
Maker |
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
EDS1232AATA-TI EDS1232AATA-60TI EDS1232AATA-75TI |
RAC40-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 15V; Features: Compact 40W AC-DC 128M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory, Inc.
|
BSS63 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 10 Watts EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
BUZ80 C67078-S1309-A2 |
RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; 4:1 Wide Input Voltage Range; 30 Watts SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RP20-123.3SE RP20-123.315TE RP20-123.312TE RP20-48 |
POWERLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
RP20-4805SEW RP20-4815SEW RP20-4815DEW RP20-243.3S |
POWERLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
RP60-4805SE RP60-4815SE RP60-2415SE RP60-2405SE RP |
POWERLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
RP15-1233SF RP15-123.3SF RP15-4805SF RP15-4815SF R |
POWERLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
RP03-4815SG RP03-0512DG RP03-0515DG RP03-0533SG RP |
POWERLINE- DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
RP03-2405SC RP03-1205DC RP03-4805DC RP03-4805SC RP |
POWERLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power]
|
DCB500 |
Transceiver for Powerline Communication
|
Yamar Electronics Ltd.
|