PART |
Description |
Maker |
LX8384 LX8384-00 LX8384-00CDD LX8384-00CP LX8384-0 |
5A LOW DROPOUT POSITIVE REGULATORS 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 5A LOW DROPOUT POSITIVE REGULATORS 5A条阳性率低压差调节器 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 5A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 15M 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
NCP1117XT12 NCP1117ST15T3 NCV1117ST15T3 NCP1117DT2 |
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.25 V-18.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 GIGATRUE 550 CAT6 PATCH 6 FT, SNAGLESS, WHITE 1.0低压差正,固定和可调电压调节 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 FF-SYB Series, type 4 two-beam access control systems 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 2 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 MOSFET N-CH 200V 15A TO-220FN GIGATRUE 550 CAT6 PATCH 5 FT, SNAGLESS, WHITE GIGATRUE 550 CAT6 PATCH 7 FT, SNAGLESS, WHITE
|
ONSEMI[ON Semiconductor]
|
APU1207M-18 APU1206H-18 APU1206H-25 APU1206K-25 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO8 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO3
|
Advanced Power Electronics, Corp.
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
MIC5200 MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.3BM |
100mA Low-Dropout Voltage Regulator Preliminary Information Circular Connector; No. of Contacts:32; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 100mA Low-Dropout Voltage Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 PT 41C 41#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W,PTN78060H : 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 MB 32C 32#20 PIN RECP 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MAX8511 MAX8512 MAX8510 MAX8510_06 MAX8510EXK12T M |
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 3.1 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|