PART |
Description |
Maker |
VL6180X VL6180XV0NR/1 VL6180XV0NR |
Proximity and ambient light sensing module Proximity sensor, gesture and ambient light sensing (ALS) module
|
STMicroelectronics ST Microelectronics
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
SFH5711 SFH3710 SFH341013 SFH2430 |
This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
|
OSRAM GmbH
|
LX1970MINIEVAL |
Visible Light Sensor
|
Microsemi
|
KVS-2023 |
Visible Light Sensor
|
KODENSHI KOREA CORP.
|
BS100C |
PHOTODIODE FOR VISIBLE LIGHT
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
MT8060N2 MT8060N22 |
Visible Light Emitting Diode
|
Marktech Corporate
|
MT900A-UR22 |
Visible Light Emitting Diode
|
Marktech Corporate
|
VSF706C1 |
Visible Light Emitting Diode
|
Marktech Corporate
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|