Part Number Hot Search : 
90814 4BTDV LM358PR BV55BE HT83F80P L74HC 78L15 STW2040
Product Description
Full Text Search
  visible Datasheet PDF File

For visible Found Datasheets File :: 4393    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    B57045K472K

EPCOS
Part No. B57045K472K
OCR Text ...ure t: 125 c t: 1000 h < 3% no visible damage storage in damp heat, steady state iec 60068-2-78 temperature of air: 40 c relative humidity of air: 93% duration: 56 days < 3% no visible damage endurance p max : 450 mw t: 1000 h < 3% no vis...
Description NTC thermistors for temperature measurement

File Size 203.12K  /  11 Page

View it Online

Download Datasheet





    MTRS107011 MTRS1070-11

Marktech Corporate
Part No. MTRS107011 MTRS1070-11
OCR Text ...tive sensor consists of a 700nm visible emitter and high sensitivity photo transistor in the same package. the black molded housing reduces the effect of external ambient light. custom emitter/ detectors are available. f e a t u r e s > h...
Description Peak Emission Wavelength: 700nm
   visible Light Photo Reflector
   Peak Emission Wavelength: 700nm

File Size 772.73K  /  3 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. TTC05682LS TTC05 TTC05005JI TTC05005JS TTC05005KI TTC05005KS TTC05005LI TTC05005LS TTC05015JI TTC05015JS TTC05015KI TTC05015KS TTC05015LI TTC05015LS TTC05050JI TTC05050JS TTC05050KI TTC05050KS TTC05050LI TTC05050LS TTC05101JI TTC05101JS TTC05101KI TTC05101KS TTC05101LI TTC05101LS TTC05474JI TTC05474JS TTC05474KI TTC05474KS TTC05474LI TTC05474LS TTC05682JI TTC05682JS TTC05682KI TTC05682KS TTC05682LI
OCR Text ...0.5 0.5<d 0.8 Force (Kg) No visible damage 0.5 1.0 Hanging the force specified below to each terminal and gradually bending each terminal by 90 in one direction, then 90 in the opposite direction, and again back to the origin. ...
Description Temperature Compensation/Sensing

File Size 2,553.01K  /  5 Page

View it Online

Download Datasheet

    Q67106-A8315 SLB0587G SLB0587 Q67100-A8310

SIEMENS[Siemens Semiconductor Group]
Part No. Q67106-A8315 SLB0587G SLB0587 Q67100-A8310
OCR Text ...e phasing in of the PLL becomes visible by a brief flickering. The setting of the PLL can be influenced within certain limits by the selection that is made with C 5 and R 10. In general terms, smaller ratings for C 5 and larger ratings for ...
Description From old datasheet system
Dimmer IC for Halogen Lamps

File Size 865.47K  /  22 Page

View it Online

Download Datasheet

    AN256

Silicon Laboratories
Part No. AN256
OCR Text ...he phase angle of a sinusoid is visible on the power spectral density of the carrier sinusoid as a spread of the true carrier tone. Phase noise in the frequency domain is equivalent to jitter in the time domain. In this application note, we...
Description INTEGRATED PHASE NOISE

File Size 188.27K  /  8 Page

View it Online

Download Datasheet

    B57867 B57867S0202140 B57867S0303140

EPCOS
Part No. B57867 B57867S0202140 B57867S0303140
OCR Text ...5/R25 (typical) < 2% Remarks No visible damage Storage in damp heat, steady state Rapid temperature cycling Long-term stability (empirical value) Storage at upper category temperature T: 155 C t: 1000 h IEC Temperature of air: 40 C 60...
Description NTC thermistors for temperature measurement

File Size 365.92K  /  32 Page

View it Online

Download Datasheet

    ARC241 ARC242 ARV241 ARV242

List of Unclassifed Manufacturers
ETC
Part No. ARC241 ARC242 ARV241 ARV242
OCR Text ...unted chips; 10 1 s; 260 5 C no visible damage R/R max.: (0.5% +0.05 ) isopropyl alcohol or H2O followed by brushing in accordance with "MIL 202 F" unmounted chips completely immersed for 2 0.5 s in a solder bath at 235 2 C no visible damag...
Description Array chip resistors size 4 X 0603

File Size 101.78K  /  6 Page

View it Online

Download Datasheet

    69217 69216 69218 45439 307544-3 307544-1

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Tyco Electronics
Part No. 69217 69216 69218 45439 307544-3 307544-1
OCR Text ...the ram until the lock screw is visible. 4. loosen the lock screw and insert the shank of the moving die into the ram well. see figure 2. the retaining ring will hold the die in place. 5. activate the power unit to complete the cycle and al...
Description SOLISTRAND* Crimping Dies (Used in Crimping Heads69097 and 69099)
SOLISTRAND Crimping Dies

File Size 441.27K  /  8 Page

View it Online

Download Datasheet

    SM312WQD SM312C SM312CV SM312CV2G SM312CVB SM312CVG SM312CV2B

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. SM312WQD SM312C SM312CV SM312CV2G SM312CVB SM312CVG SM312CV2B
OCR Text ... plastic material being sensed. visible red 650 nm sm31epd opposed receiver - clear plastic detec- tion sm31rpd retro non-polarized retroreflective 5 m (15 ft) sm312lv p polar retro polarized retroreflective 55 mm to 2 m (2 in to 7 ft) sm31...
Description MINI-BEAM dc-Voltage Series
   MINI-BEAM dc-Voltage Series

File Size 417.19K  /  6 Page

View it Online

Download Datasheet

    United Chemi-Con
Part No. KHC250EXXXMXXN0TXX
OCR Text ...strength of the face plating no visible damage. appearance : no visible damage. d c/c : p 15% the substrate shall be bend by 1mm at a rate of 1mm/s for 5 seconds. substrate 5n (0.51kgf) for 10 p 1 seconds capacitor 1.0mm substrate pr...
Description MULTILAYER CERAMIC CHIP CAPACITORS

File Size 63.35K  /  4 Page

View it Online

Download Datasheet

For visible Found Datasheets File :: 4393    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of visible

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.94141387939453