PART |
Description |
Maker |
CY7C4275V CY7C4275V-10ASC CY7C4285V-15ASI CY7C4285 |
3.3V operation for low power consumption and easy integration into low-voltage systems 32K/64Kx18 Low Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
DS620 DS620U DS620U_TR DS620U/TR |
Low-Voltage, -0.5°C Accuracy Digital Thermometer and Thermostat Low-Voltage/ 0.5C Accuracy Digital Thermometer and Thermostat 240 x 64 pixel format, CFL, LED, or EL Backlight available VOLTAGE REG POS 6V 100MA SOT-89 Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat Low-Voltage, -0.5∑C Accuracy Digital Thermometer and Thermostat
|
http:// Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
ZRC250 ZRC250A01 ZRC250A02 ZRC250A03 ZRC250F01 ZRC |
Low Capacitance Transient Voltage Suppressor Diodes 集成电路的Sm - 2.5V的电压参 Low Capacitance Transient Voltage Suppressor Diodes 集成电路.5V的高精度参 PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
ON Semiconductor ZETEX[Zetex Semiconductors]
|
6206-35/BXAJC 6206-45/BXAJC 6206-45/BYAJC 6206-100 |
x8 SRAM Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits High-Voltage, Low-Current Voltage Monitors in SOT Packages Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits x8的SRAM
|
ITT, Corp.
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
DN050 |
Extremely low collector-to-emitter saturation voltage Suitable for low voltage large current drivers
|
KODENSHI KOREA CORP.
|
PQ070XN01ZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
PQ070XNA1ZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
PQ025EN01ZPH PQXXXEN01ZPH PQ015EN01ZPH PQ018EN01ZP |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|